Part Number Hot Search : 
RMPA2 FMH25N50 0005FASL ZXGD310 SS1260 FD400A2B R7222607 12S1W
Product Description
Full Text Search
 

To Download 0737802944 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0737802944 Active
hdm 2.00mm (.079") Pitch HDM(R) Board-to-Board Daughtercard Receptacle, Vertical, Signal Module, 72 Circuits, Mounted Height 14.00mm (.551"), Pin Length 3.00mm (.118"), Lead Free
Documents: Drawing (PDF) Product Specification PS-73780-999 (PDF)
RoHS Certificate of Compliance (PDF) Series image - Reference only
General
Product Family Series Application Comments Component Type Overview Product Name Style Backplane Connectors 73780 Daughtercard, Mezzanine Press Fit Tail PCB Receptacle hdm HDM(R) N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating 72 72 Black 250 No No None Copper-Nickel-Tin Gold Tin High Temperature Thermoplastic 24 Open Pin Field 6 Vertical 0.118 In 3.00 mm No None 0.063 In 1.60 mm Tube 0.079 In 2.00 mm 0.079 In 2.00 mm 30 0.75 35 0.88 No Yes Yes -55C to +105C
Search Parts in this Series 73780Series Mates With HDM(R) Board-to-Board Backplane Header 73642 , 73643 , 73644 , 73942 , 73943 , 73944 , 74349 , 74428. HDM(R) Board-toBoard Stacking Header 73769 , 73770 , 73782 , 73783 , 73771
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact Data Rate Real Signals (per 25mm) Shielded Voltage - Maximum 15A, 1A 1.0 Gbps 75 No 250V AC
Material Info Reference - Drawing Numbers
Product Specification PS-73780-999 Sales Drawing SD-73780-001 HDM and High Density Metric are trademarks of Amphenol Corporation
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0737802944

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X